PART |
Description |
Maker |
MP3H6115AC6U MP3H6115AC6T1 MP3H6115A6T1 MP3H6115A6 |
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
|
FREESCALE[Freescale Semiconductor, Inc]
|
X28HC64SIZ-12 X28HC64SIZ-70 X28HC64J-12 X28HC64JIZ |
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 8K X 8 EEPROM 5V, 120 ns, PDSO28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-PDIP 8K X 8 EEPROM 5V, 90 ns, PDIP28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC 8K X 8 EEPROM 5V, 70 ns, PDSO28
|
Intersil Corporation http:// Intersil, Corp.
|
X28HT010 X28HT010D-20 X28HT010D-25 X28HT010F-20 X2 |
High Temperature/ 5 Volt/ Byte Alterable E2PROM High Temperature, 5 Volt, Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
1N3155A-1 1N3157E3 1N3155-1 1N3154-1 1N3154A-1 1N3 |
8.4 Volt Temperature Compensated Zener Reference Diodes
|
Microsemi Corporation
|
X28HT010 |
High Temperature, 5 Volt, Byte Alterable E2PROM 128K x 8 Bit
|
Xicor
|
X28ST010 |
High Temperature, 5 Volt, Byte Alterable E2PROM 128K x 8 Bit
|
Xicor
|
USR1174 USR1171 USR1172 USR1173 |
11.7 VOLT ULTRA STABLE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
MICROSEMI[Microsemi Corporation]
|
S25FL164K0XMFV010 S25FL164K0XMFV021 S25FL164K0XMFV |
CMOS 3.0-Volt Flash Non-Volatile Memory Serial Peripheral Interface with Multi-I/O Industrial and Automotive Temperature
|
SPANSION
|
EP20K200CP240I8ES EP20K200CB356I7ES EP20K200CB356I |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -55°C to 125°C; Package: 28-PGA 5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R ASIC 专用集成电路
|
Altera, Corp.
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
AT49LV2048A AT49BV2048A AT49LV2048A-70TC AT49LV204 |
2M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot 2M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel
|